PART |
Description |
Maker |
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
APT18F60B APT38F80L APT29F100L APT29F80J APT21M100 |
15 A, 600 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB ROHS COMPLIANT, 3 PIN 22 A, 800 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA ROHS COMPLIANT, T-MAX, 3 PIN 1000V, 29A, 0.46Max, trr ÷270ns N-Channel FREDFET 17 A, 1000 V, 0.46 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: ISOTOP®; ID (A): 31; RDS(on) (Ohms): 0.21; BVDSS (V): 800; 44 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET 31 A, 1000 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 53 A, 600 V, 0.62 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp. MICROSEMI CORP
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
NTD14N03R07 NTD14N03RT4G NTD14N03R-001 NTD14N03R-1 |
Power MOSFET 14 A, 25 V N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.13 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
|
Rectron Semiconductor
|
HUF76423S3S HUF76423P3 FN4708 HUF76423S3ST HUF7642 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 36A条(丁)|63AB N-Channel NexFET Power MOSFET 8-SON -55 to 150 33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IXTQ18N60P IXTV18N60P |
MOSFET N-CH 600V 18A TO-3P 18 A, 600 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
|
IXYS, Corp. IXYS Corporation
|
|